Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

80KSW0002 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 80KSW0002
Description  16-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0002 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 80KSW0002 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 9Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 10Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 11Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
IDT80KSW0002
Datasheet
CPS-16 Datasheet
47
April 6, 2016
12 Typical Power Figures
Typical power draw for the 80KSW0002 is approximately 3.0W total for all ports enabled as 4 4x @ 3.125G under 50% switch load. The following table
provides power figures on a per-block basis. An estimate of the device power figure for a given application usage can be determined by using the
“CPS Power Calculator” modeling tool available on www.IDT.com.
Table 7 Typical Power Figures
Condition: VDD = 1.2V, VDDS = 1.2V, VDDA = 1.2V, VDD3 = 3.3V @ Room temperature 25oC
Maximum peak sustained power draw for the 80KSW0002 is 4.1W total (2.49W for VDD, 0.81W for VDDS, 0.54W for VDDA and 0.26W for VDD3) for all
ports enabled as 16 1x @ 3.125G under 100% switch load at the max operational voltage specification(1.2V+5%=1.26V, 3.3V+5%=3.45V) across full
temperature and process range.
Description
Typical
Units
Supply
Comments
SerDes 1x @ 1.25G
45
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 1x @ 2.5G
60
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 1x @ 3.125G
75
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 4x @ 1.25G
200
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 4x @ 2.5G
220
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
SerDes 4x @ 3.125G
245
mW
VDDS, VDDA
Analog SerDes power consumption (VDDS and VDDA). This does not
include the sRIO quad power consumption.
JTAG Block Enable
100
mW
VDD, VDD3
Configuration Register Access only. Max interface speed(10MHz).
I2C Block Enable
20
mW
VDD, VDD3
Configuration Register Access only. Max interface speed (400KHz).
Switch Block (max traffic)
416
mW
VDD
Switch block only. All ports enabled and sending traffic at max aggre-
gate throughput for the switch block.
Standby Power @1.25G
1315
mW
VDD
Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @1.25G
214
mW
VDD3
Part powered up, reset, all links up (reset configuration), no traffic
Standby Power @1.25G
498, 349
mW
VDDS, VDDA
Part powered up, reset, all links up (reset configuration), no traffic
Quiescent Power
1200
mW
VDD
Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Quiescent Power
214
mW
VDD3
Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Quiescent Power
37, 32
mW
VDDS, VDDA
Minimum possible operational power draw. All ports disable, I2C and
JTAG signals static.
Reset Power
324
mW
VDD
Peak power during RESET of the device.
Reset Power
210
mW
VDD3
Peak power during RESET of the device.
Reset Power
35, 27
mW
VDDS, VDDA
Peak power during RESET of the device.
Peak sustained Power
2077
mW
VDD
All sRIO ports enabled at maximum speed, maximum traffic to the
switch.
Peak sustained Power
214
mW
VDD3
All sRIO ports enabled at maximum speed, maximum traffic to the
switch.
Peak sustained Power
671, 455
mW
VDDS, VDDA
All sRIO ports enabled at maximum speed, maximum traffic to the
switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com