Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88871AP Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
10
2.2 Expansion Bus Interface for 100 Mbps
Signal Name
Type Pin No.
Description
HIRD[3:0]
or
/LACT[3:0]
I/O/Z
/PU
165-162 INTER REPEATER DATA : When MODE=” 1” , Nibble data input/output.
Transfer data from the “active” AX88871A to all other “inactive”
AX88871As. The bus-master of the IRD bus is determined by IR_VECT bus
arbitration.
/LACT[3:0] : When MODE=” 0” , Those pins drive activity[3:0] LEDs
directly.
/HIRD_V
or
/LACT[4]
I/O/Z
/PU
159
INTER REPEATER DATA VALID : When MODE=” 1” ,This signal reflect
the RX_DV status of the active port across the inter repeater bus. Used to
frame good packets.
/LACT[4] : When MODE=” 0” , This pin drives port 4 activity LED directly.
/HIRD_ER
or
/LACT[5]
I/O/Z
/PU
160
INTER REPEATER DATA ERROR: When MODE=” 1” ,This signal reflect
the RX_ER status of the active port across the inter repeater bus. Used to track
receive errors from the PHY in real time.
/LACT[5] : When MODE=” 0” , This pin drives port 5 activity LED directly.
HIRD_CK
or
/LACT[6]
I/O/Z
/PU
158
INTER REPEATER CLOCK VALID : When MODE=” 1” ,All inter repeater
signals are synchronized to the rising edge of this clock.
/LACT[6] : When MODE=” 0” , This pin drives port 6 activity LED directly.
HIRD_ODIR
or
/LACT[7]
O
157
INTER
REPEATER
DATA
IN/OUT
DIRECTION
:
When
MODE=” 1” ,This pin indicates the direction of data for external transceiver.
“High” = IRD[3:0], /IRD_ER, /IRD_V , IRD_CK are Output.
“Low” = IRD[3:0], /IRD_ER, /IRD_V , IRD_CK are Input.
/LACT[7] : When MODE=” 0” , This pin drives port 7 activity LED directly.
/HIR_ACTO[5:0]
or
/LPART[5:0]
I/O/OC 153-148 INTER REPEATER ACTIVITY IN/OUT: When MODE=” 1” , The local
repeater activity appearance, the signal of the related RID (Repeater ID) will
be asserted and as a output pin. All other pins serve as input pins but except
the collision conditions. When collision occurred , the signal of related
(RID-1) pins will also served as outputs and will active during local collision
period. The exception case is when RID = 0, then (RID-1) is replaced with
(RID+1).
/LPART[5:0] : When MODE=” 0” , Those pins drive partition[5:0] LEDs
directly.
/HIR_ACTO[7:6]
or
/LIR_ACT[3:2]
or
/LPART[7:6]
I/O/OC 155-1154 INTER REPEATER ACTIVITY IN/OUT: When MODE =” 1” and STACK
=” 1” the function is the same as /HIR_ACTO[5:0].
LOCAL REPEATER ACTIVITY IN/OUT : When MODE =” 1” and STACK
=” 0” the function is the same as /HIR_ACTO[5:0] but for local repeater
activity only.
/LPART[7:6] : When MODE=” 0” , Those pins drive partition[7:6] LEDs
directly.
/HIR_ACTI[5:0]
or
NC[5:0]
I/PU
144-139 INTER REPEATER ACTIVITY IN: These pins perform the same function
as /IR_ACTO[7:0] when they serve as input function. Then the
/IR_ACTO[7:0] insert external buffers the input function must be replaced
with /IR_ACTI [7:0].
NC : When MODE=” 0” , Those pins keep no connection.
/HIR_ACTI[7:6]
or
/LIR_ACT[1:0]
or
NC[7:0]
I/O/PU 146-145 INTER REPEATER ACTIVITY IN : When MODE =” 1” and STACK =” 1”
the function is the same as /HIR_ACTI[5:0].
LOCAL REPEATER ACTIVITY IN/OUT : When MODE =” 1” and STACK
=” 0” the function is the same as /HIR_ACTO[5:0] but for local repeater
activity only.
NC : When MODE=” 0” , Those pins keep no connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com