Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

83052AGILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 83052AGILF
Description  2:1, Single-Ended Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83052AGILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 83052AGILF Datasheet HTML 10Page - Renesas Technology Corp 83052AGILF Datasheet HTML 11Page - Renesas Technology Corp 83052AGILF Datasheet HTML 12Page - Renesas Technology Corp 83052AGILF Datasheet HTML 13Page - Renesas Technology Corp 83052AGILF Datasheet HTML 14Page - Renesas Technology Corp 83052AGILF Datasheet HTML 15Page - Renesas Technology Corp 83052AGILF Datasheet HTML 16Page - Renesas Technology Corp 83052AGILF Datasheet HTML 17Page - Renesas Technology Corp 83052AGILF Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
83052I Data Sheet
©2015 Integrated Device Technology, Inc
December 15, 2015
14
TABLE 7. PACKAGE DIMENSIONS
PACKAGE OUTLINE - G SUFFIX FOR 8 LEAD TSSOP
Reference Document: JEDEC Publication 95, MO-153
SYMBOL
Millimeters
Minimum
Maximum
N8
A
--
1.20
A1
0.05
0.15
A2
0.80
1.05
b
0.19
0.30
c
0.09
0.20
D
2.90
3.10
E
6.40 BASIC
E1
4.30
4.50
e
0.65 BASIC
L
0.45
0.75
α
0°
8°
aaa
--
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com