Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM7080A Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM7080A
Description  Smart power stage with current sensing, temperature monitor and fault reporting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM7080A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM7080A Datasheet HTML 2Page - STMicroelectronics PM7080A Datasheet HTML 3Page - STMicroelectronics PM7080A Datasheet HTML 4Page - STMicroelectronics PM7080A Datasheet HTML 5Page - STMicroelectronics PM7080A Datasheet HTML 6Page - STMicroelectronics PM7080A Datasheet HTML 7Page - STMicroelectronics PM7080A Datasheet HTML 8Page - STMicroelectronics PM7080A Datasheet HTML 9Page - STMicroelectronics PM7080A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Parameter
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Current sense accuracy
IMON_ACC
IOUT > 20 A
-2
-
2
%
10 A < IOUT < 20 A
-3
-
3
%
5 A < IOUT < 10 A
-4
-
4
%
IOUT < 5 A
-8
-
8
%
Current sense negative
range
-
-50
-
A
Current sense positive range
-
130
-
A
REFIN voltage range
REFIN
1
-
2
V
Temperature reporting
Temperature reporting gain
TMON_GAIN
-
8
-
mV/C
Temperature reporting offset
TMON_OS
Junct. temperature = 0 C
-
0.6
-
V
Temperature reporting
accuracy
TMON_ACC
-3
-
3
%
TMON source current
ITMON
5
-
-
mA
TMON_FAULT level
VTMON_FLT
2.6
-
3.6
V
Over-current protection
Accurate positive OCP
IOCP_A_P
120
130
140
A
Accurate negative OCP
IOCP_A_N
-50
-60
-70
A
Crude positive OCP
IOCP_C_P
-
150
-
A
Crude negative OCP
IOCP_C_N
-
-100
-
A
OCP mask time
TMASK_OCP
-
100
-
nSec
Over temperature protection
OTP rising threshold
TOTP_R
-
150
-
C
OTP hysteresis
TOTP_HYS
-
10
-
C
MOSFET driver
HS GATE pull down resistor
RHG_PH
-
20
-
kΩ
LS GATE pull down resistor
RGL_PGND
-
20
-
kΩ
Bootstrap forward voltage
VBOOT_F
-
0.4
-
V
PM7080A
Electrical characteristics
DS13910 - Rev 1
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com