Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM7080A Datasheet(PDF) 3 Page - STMicroelectronics

Part # PM7080A
Description  Smart power stage with current sensing, temperature monitor and fault reporting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM7080A Datasheet(HTML) 3 Page - STMicroelectronics

  PM7080A Datasheet HTML 1Page - STMicroelectronics PM7080A Datasheet HTML 2Page - STMicroelectronics PM7080A Datasheet HTML 3Page - STMicroelectronics PM7080A Datasheet HTML 4Page - STMicroelectronics PM7080A Datasheet HTML 5Page - STMicroelectronics PM7080A Datasheet HTML 6Page - STMicroelectronics PM7080A Datasheet HTML 7Page - STMicroelectronics PM7080A Datasheet HTML 8Page - STMicroelectronics PM7080A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
Pins description
Figure 3. Pinout (Top transparent view)
GND
CC 3
VDRV
GND
GND
GND
GND
GND
GND
GND
GND
GND
IN
IN
IN
IN
IN
28
40
41
29
V
24
P
23
P
22
V
21
P
20
P
26
V
25
V
27
V
NC 1
A
2
V
4
P
5
GL
6
P
7
P
8
P
9
P
Table 1. Pin description
Pin no.
Pin name
Description
1, 31, 37
NC
This pin can be left floating or connected to AGND
2
AGND
Ground for internal circuitry (not a ground for the drivers)
3
VCC
Supply voltage for internal circuitry (does not power the drivers)
4
VDRV
Supply voltage for internal gate drive
5, 7 to 9, 20 to 24,
40
PGND
Power ground (note: pin 5 is intended to be used as a Kelvin pickup of the PGND for
IMON sensing)
6, 41
GATEL (GL)
Low side MOSFET gate signal for observation purposes - do not connect externally
10 to 19
SW
Switch node of the power stage. Connect directly to output inductor
25 to 30
VIN
Power stage input voltage. Drain of high side MOSFET
32
PHASE
Return path of HS gate driver and the boot capacitor. Connected internally to the
SW node.
Do not connect this pin to the switch node externally
33
BOOT
High side driver bootstrap voltage. Connect a 0.1 μF to 1 μF capacitor between
BOOT and PHASE pins
34
PWM
PWM input logic. tri-state PWM input signal means both HS and LS MOSFETs are
turned off
35
EN
Enables the driver
36
TMON/FAULT
Temperature monitor with a conversion factor of 8 mV/°C with 0.8 V offset /
catastrophic fault pin
38
IMON
Output voltage representative of the inductor current with a ratio of 5 mV/A
39
REFIN
Internal reference voltage for IOUT, but can be overdriven externally if desired
PM7080A
Pins description
DS13910 - Rev 1
page 3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com