Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB30CX Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32WB30CX
Description  2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB30CX Datasheet(HTML) 5 Page - STMicroelectronics

  STM32WB30CX Datasheet HTML 1Page - STMicroelectronics STM32WB30CX Datasheet HTML 2Page - STMicroelectronics STM32WB30CX Datasheet HTML 3Page - STMicroelectronics STM32WB30CX Datasheet HTML 4Page - STMicroelectronics STM32WB30CX Datasheet HTML 5Page - STMicroelectronics STM32WB30CX Datasheet HTML 6Page - STMicroelectronics STM32WB30CX Datasheet HTML 7Page - STMicroelectronics STM32WB30CX Datasheet HTML 8Page - STMicroelectronics STM32WB30CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
Bumpless CSP package information
Figure 9. Bumpless CSP package outline
SIDE VIEW
Coating 25µm
BOTTOM VIEW (pads up)
OUT
GND3
GND4
GND2
IN
GND1
X
A1
A1
a
A
Table 4. Bumpless CSP package mechanical data
Parameter
Description
Min.
Typ.
Max.
Unit
X
X dimension of the die
975
1000
1025
µm
Y
Y dimension of the die
1575
1600
1625
µm
A
X pitch
500
µm
B
Y pitch
587
µm
A1
Distance from bump to edge of die on X axis
250
µm
B1
Distance from pad to edge of die on Y axis
213
µm
a
Pad dimension
200
µm
T
Substrate thickness
375
400
425
µm
MLPF-WB55-01E3
Package information
DS12804 - Rev 3
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com