Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

85411AMILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 85411AMILF
Description  Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85411AMILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  85411AMILF Datasheet HTML 1Page - Renesas Technology Corp 85411AMILF Datasheet HTML 2Page - Renesas Technology Corp 85411AMILF Datasheet HTML 3Page - Renesas Technology Corp 85411AMILF Datasheet HTML 4Page - Renesas Technology Corp 85411AMILF Datasheet HTML 5Page - Renesas Technology Corp 85411AMILF Datasheet HTML 6Page - Renesas Technology Corp 85411AMILF Datasheet HTML 7Page - Renesas Technology Corp 85411AMILF Datasheet HTML 8Page - Renesas Technology Corp 85411AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
85411I Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 20, 2016
4
TABLE 4. AC CHARACTERISTICS, V
DD
= 3.3V±10% TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
650
MHz
t
PD
Propagation Delay; NOTE 1
1.5
2.5
ns
tsk(o)
Output Skew; NOTE 2, 4
25
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
300
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
(12kHz to 20MHz)
0.05
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80% @ 50MHz
150
350
ps
odc
Output Duty Cycle
f > 500MHz
46
54
%
f
≤ 500MHz
48
52
%
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established
when the device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet
specifications after thermal equilibrium has been reached under these conditions.
All parameters measured at ƒ
≤ 650MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com