Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # DSP56307/D
Description  DSP56307EVM Evaluation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 4 Page - NXP Semiconductors

  DSP56307/D Datasheet HTML 1Page - NXP Semiconductors DSP56307/D Datasheet HTML 2Page - NXP Semiconductors DSP56307/D Datasheet HTML 3Page - NXP Semiconductors DSP56307/D Datasheet HTML 4Page - NXP Semiconductors DSP56307/D Datasheet HTML 5Page - NXP Semiconductors DSP56307/D Datasheet HTML 6Page - NXP Semiconductors DSP56307/D Datasheet HTML 7Page - NXP Semiconductors DSP56307/D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DSP56307EVM Product Brief
MOTOROLA
DSP56307
–
Reduced power dissipation
•
Very low-power CMOS design
•
Wait and stop low-power standby modes
•
Fully-static logic, operation frequency down to 0 Hz (dc)
•
Optimized power management circuitry (instruction-dependent, peripheral-dependent,
and mode-dependent)
•
64K x 24-bit fast static RAM for expansion memory
•
128K x 8-bit Flash Programmable Erasable Read Only Memory (PEROM) for stand-alone
operation
•
16-bit CD-quality audio codec
–
Two channels of 16-bit A/D conversion
–
Two channels of 16-bit D/A conversion
–
Software-selectable 8-bit and 16-bit data formats, including
µ-law and A-law companding
–
Stereo jacks for audio input, output, and headphones
•
Command converter
–
DSP56002 for high-speed OnCE/JTAG command conversion software
–
JTAG connector for use with the Application Development System (ADS) command
converter card
–
RS–232 serial port
•
Connectors
–
Host-port connector
–
Host interface RS–232 connector
–
ESSI0 connector
–
ESSI1 connector
–
SCI connector
Software
•
Motorola’s DSP563xx cross assembler
–
Produces DSP56307 binary code from source code using labels, sections, and macro
definitions incorporating the DSP’s complete instruction set, all addressing modes, and all
memory spaces
–
Offers macros, expression evaluation, and functions for strings, data conversion, and
transcendentals
–
Creates reports for cross-references, instruction cycle count, and memory usage
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com