Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DSP56307/D
Description  DSP56307EVM Evaluation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 5 Page - NXP Semiconductors

  DSP56307/D Datasheet HTML 1Page - NXP Semiconductors DSP56307/D Datasheet HTML 2Page - NXP Semiconductors DSP56307/D Datasheet HTML 3Page - NXP Semiconductors DSP56307/D Datasheet HTML 4Page - NXP Semiconductors DSP56307/D Datasheet HTML 5Page - NXP Semiconductors DSP56307/D Datasheet HTML 6Page - NXP Semiconductors DSP56307/D Datasheet HTML 7Page - NXP Semiconductors DSP56307/D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DSP56307
MOTOROLA
DSP56307EVM Product Brief
5
–
Provides extensive error checking and reporting
•
Domain Technologies debug software with Windows™-based user interface
–
Symbolic debugging
–
Windows for data, code, DSP registers, commands, peripherals, etc.
–
Data and registers displayed in fractional, decimal, or hexadecimal format
–
Graphical display of memory segments
–
Up to eight simultaneous software breakpoints
–
Built–in–line assembler and disassembler
User Requirements
The user must provide the following:
•
Power supply (7–9 V ac or dc, 500 mA with 2.1 mm coaxial connector)
•
RS-232 cable (DB9 plug to DB9 receptacle)
•
Audio source and a cable with 1/8-inch stereo plugs
•
IBM PC-compatible computer (486 class or higher) running Windows 3.1 (or higher) with an RS-
232 serial port capable of 9,600 to 115,200 bits-per-second operation, 8 Mbytes RAM, 3-1/2 inch
diskette drive, CD-ROM drive, hard drive with 20 Mbytes of free disk space, and a mouse
SUPPORTING DOCUMENTATION
The first three documents listed in Table 1 are required for a complete description of the
DSP56307 chip and are necessary to design properly with the part. The fourth and fifth
documents describe the DSP56307 Evaluation Module, including installation and use and are
provided with the module. Additional copies are available from one of the following locations
(see back cover for detailed information):
•
A local Motorola distributor
•
A Motorola Semiconductor Sales Office
•
Motorola Literature Distribution Center
•
The World Wide Web (WWW) http://www.mot.com/SPS/DSP/documentation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com