| Electronic Components Datasheet Search |
|
DSP56652/D Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56652/D Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 76 page ![]() DSP56652 DSP56652 Signal Description Preliminary MOTOROLA DSP56652 Technical Data Sheet 1-15 Data Bus Bus Control Table 1-8 Data Bus Signals Signal Names Signal Type State during Reset Signal Description D0ÐD15 Input/ Output Input Data bus ÑThese signals provide the bidirectional data bus for external memory accesses. D0ÐD15 are held in the previous logic state when there is no external bus activity and during hardware reset. This is done with weak ÒkeepersÓ inside the I/O buffers. Table 1-9 Bus Control Signals Signal Name Signal Type State during Reset Signal Description R/W Output Driven high Read/writeÑ This signal indicates the bus access type. A high signal indicates a bus read. A low signal indicates a write to the bus. When accessing memory it can also be used as write enable (WE) signal. When accessing a peripheral chip, the signal acts as a read/write. EB0 Output Driven high Enable byte 0 ÑWhen driven low, this signal indicates access to data byte 0 (D8ÐD15) during a read or write cycle. This pin may also act as a write byte enable, if so programmed. This output is used when accessing 16-bit wide SRAM. EB1 Output Driven high Enable byte 1 ÑWhen driven low, this signal indicates access to data byte 1 (D0ÐD7) during a read or write cycle. This pin may also act as a write byte enable, if so programmed. This output is used when accessing 16-bit wide SRAM. OE Output Driven high Bus selectÑ When driven low, this signal indicates that the current bus access is a read cycle and enables slave devices to drive the data bus with a read. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |