| Electronic Components Datasheet Search |
|
DSP56652/D Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56652/D Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 76 page ![]() Preliminary 1-26 DSP56652 Technical Data Sheet MOTOROLA Pin and Signal Descriptions DSP56652 Signal Description Serial Data Port (UART) Table 1-15 Serial Data Port (UART) Signals Signal Name Signal Type State during Reset Signal Description Normal: MUX_CTL driven low TxD Input or Output Input UART transmitÑ This signal transmits data from the UART. The signal is a GPIO when not programmed as the TxD signal. After reset, the default state for this signal is GPI. Alternate: MUX_CTL driven high TDO Output Test data output ÑWhen selected, this signal provides the TDO serial output for test instructions and data from the JTAG TAP controller. TDO is a tri-state signal that is actively driven in the shift-IR and shift-DR controller states. Note: When this signal is enabled, the primary TDO signal is disconnected from the TAP controller. (See Table 1-22 on page 1-36.) Normal: MUX_CTL driven low RxD IC1 Input or Output Input Input UART receiveÑ This signal receives data into the UART. Input compare 1 ÑWhen so programmed, the signal connects to an Input capture/output compare Timer used for autobaud mode support. The signal is a GPIO when not programmed as one of the above functions. This signal has an on-chip 47 k W pull-up resistor. After reset, the default state for this signal is GPI. Alternate: MUX_CTL driven high TDI Input Input Test data in ÑWhen selected, this signal provides the TDI serial input for test instructions and data for the JTAG TAP controller. TDI is sampled on the rising edge of TCK. Note: When this signal is enabled, the primary TDI signal is disconnected from the TAP controller. (See Table 1-22 on page 1-36.) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |