| Electronic Components Datasheet Search |
|
DS2790 Datasheet(PDF) 39 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2790 Datasheet(HTML) 39 Page - Maxim Integrated Products |
|
39 / 41 page ![]() DS2790 Programmable 1-Cell Li-Ion Fuel Gauge and Protector 39 of 41 IN-CIRCUIT DEBUG Embedded debugging capability is available through the JTAG-compatible Test Access Port. Embedded debug hardware and embedded ROM firmware provide in-circuit debugging capability to the user application, eliminating the need for an expensive in-circuit emulator. Figure 21 shows a block diagram of the in-circuit debugger. The in- circuit debug features include: · a hardware debug engine, · a set of registers able to set breakpoints on register, code, or data accesses (ICDA, ICDB, ICDC, ICDD, ICDF, ICDT0, and ICDT1) · a set of debug service routines stored in the utility ROM. Figure 21. In-Circuit Debugger TMS TCK TDI TDO TAP CONTROLLER DEBUG ENGINE UTILITY ROM DEBUG SERVICE ROUTINES CPU CONTROL BREAKPOINT ADDRESS DATA The embedded hardware debug engine is an independent hardware block in the microcontroller. The debug engine can monitor internal activities and interact with selected internal registers while the CPU is executing user code. Collectively, the hardware and software features allow two basic modes of in-circuit debugging: · Background mode allows the host to configure and set up the in-circuit debugger while the CPU continues to execute the application software at full speed. Debug mode can be invoked from background mode. · Debug mode allows the debug engine to take control of the CPU, providing read/write access to internal registers and memory, and single step trace operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |