| Electronic Components Datasheet Search |
|
RAA271000 Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RAA271000 Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 105 page ![]() R16DS0051EU0101 Rev.1.01 Page 28 May 23, 2022 RAA271000 Datasheet 7.1.2 Buck Regulator Startup Ramp Rate The rate at which the buck regulators ramp up during startup can be factory programmed to different options. This ramp rate depends on the voltage range used for the buck regulator and therefore, the value of VOUTFBDIV. Table 9 shows the factory programmable startup ramp rate options. 7.1.3 Buck 1 Additional Features In addition to the specifications previously mentioned that are common to all buck channels, Buck 1 contains some additional features. Buck 1 includes Dynamic Voltage Scaling (DVS) to quickly change between two predetermined voltage levels. Buck 1 also uses an internal high-side NMOS device, so a bootstrap capacitor is required and ties between pins BOOT and PH1. 7.1.4 Dynamic Voltage Scaling (DVS) While all buck regulators can change output voltage by changing the DAC value, Buck 1 has several options to achieve DVS. There are two independently programmable voltage settings for the Buck 1 controller, which can set the output voltage. These settings are DVS0 and DVS1. By changing the DVS number selected, the corresponding output voltage is selected. There are two methods to select the DVS output voltage. ▪ Method 1: Use internal registers to select DVS by writing to the BUCK1_DVSSELECT bit in the BUCK1_DVSSEL register using SPI or I2C. To use this method, the BUCK1_DVSCTRL bit has to be set to 0b0 for the corresponding buck. The BUCK1DVSSELECT bit allows you to switch between the two different DVS settings, each corresponding to a set of DVS registers holding the DVS information. For example, DVS0 corresponds to BUCK1_DVS0VOUT92[7:0] and BUCK1_DVS0VOUT10[1:0]. The two register values combined represent the complete 10-bit DAC code for DVS0. ▪ Method 2: Using the GPIO3 pin to achieve DVS, there are five variations depending on the IO_PINMODE register setting. See Table 1. Note: To use DVS using the GPIO/MPIO pins requires IO_PINMODE to be OTP programmed before a start-up Table 9. Buck Regulator Ramp Rate Options VOUTFBDIV Value Option Number Buck 1 Ramp Rate (mV/µs) Buck 2-5 Ramp Rate (mV/µs) 1.0 Options 1.0 0 3 1.2 1.0 163 1.0 2 14.4 7.2 1.0 4 12 6 0.75 Options 0.75 0 1.6 1.6 0.75 1 3.2 3.2 0.75 2 6.4 6.4 0.5 Options 0.501.2 1.2 0.512.4 2.4 0.5 266 0.25 Options 0.25 0 1.2 1.2 0.25 1 2.4 2.4 0.25 2 6 6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |