Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7283-01FVC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7283-01FVC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button DA7283-01FVC Datasheet HTML 3Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 4Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 5Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 6Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 7Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 8Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 9Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 10Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DA7283
Ultra-Low Power LRA Haptic Driver with
Multiple Input Triggers and Software-Free
Operation
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
7 of 26
© 2022 Renesas Electronics
3
Pinout
3
2
1
A
B
C
D
GPI_1
GPI_2
OUTN
OUTP
GPI_0
VDD
VDDIO/EN
GND_2
GND_1
Analog
signal
Power
Ground
Digital
signal
Top view
GND_3
GND_4
GND_5
WLCSP
4
5
6
10
11
12
1
2
3
7
8
9
GPI_2
GPI_1
GPI_0
GND_2
OUTN
VDDIO/EN
Pin 1
Ground
Analog
signal
Digital
signal
Power
Top view
QFN
Figure 3: DA7283 Pinout Diagrams (Top View) for WLCSP and QFN
Table 2: Pin Description
Pin No.
WLCSP
Pin No.
QFN
Pin
Name
Type
(Table 3)
Description
A1
12
GND_3
GND
Ground
A2
11
GND_4
GND
Ground
A3
10
GND_5
GND
Ground
B1
2
GPI_1
DI
GPI sequence trigger 1
B2
1
GPI_2
DI
GPI sequence trigger 2
B3
9
VDDIO
/EN
PWR
Digital IO supply / device enable function, active low. Connect to
system VDDIO via push-pull GPIO or small-value resistor
C1
3
GPI_0
DI
GPI sequence trigger 0
C2
8
OUTN
AO
Haptic driver negative output
C3
7
GND_2
GND
Ground
D1
4
VDD
PWR
Haptic power supply; decouple to GND_1
D2
5
OUTP
AO
Haptic driver positive output
D3
6
GND_1
GND
Ground
Table 3: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital input
AO
Analog output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com