Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7283-01FVC Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7283-01FVC Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA7283-01FVC Datasheet HTML 1Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 2Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 3Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 4Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 5Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 6Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 7Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 8Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DA7283
Ultra-Low Power LRA Haptic Driver with
Multiple Input Triggers and Software-Free
Operation
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
1 of 26
© 2022 Renesas Electronics
General Description
DA7283 is a linear resonant actuator (LRA) haptic driver offering automatic closed-loop LRA
resonant frequency tracking. The feature guarantees consistency across LRA production tolerances,
operating temperature, aging, and mechanical coupling. DA7283 does not require any programming
to drive LRA motors within its supported range and will automatically lock to the correct LRA
resonant frequency without any actuator information being provided to the device.
The differential output drive architecture and continuous actuator motion sensing enable efficient
playback. Featuring three low-latency (0.75 ms) wake-up on general purpose input (GPI) sequence
triggers, DA7283 automatically returns to a low quiescent current state (typically 0.68
µA) between
playbacks. In OFF mode the device consumes only 5 nA, making it the appropriate choice for low
power and long standby applications.
Three different types of haptic feedback effects can be triggered via the GPIs. Time domain control of
these GPIs allows complex haptic effects playback capability at two different drive levels without the
need for another digital interface to the device. This feature makes DA7283 perfectly suited for
products that require unconditional haptic feedback like security applications or industrial products
and small software footprint solutions like wearables or home automation.
Key Features
■ LRA drive capability
■ No device programming required
■ Three GPI pins for triggering clicks and
complex patterns at two drive levels
■ Automatic LRA resonant frequency tracking
■ Ultra-low power consumption, IQ = 5 nA,
when the device is disabled
■ Low latency (0.75 ms) GPI wake-up
from low power consumption IDLE state,
IQ = 0.68
µA
■ Differential PWM output drive
■ Edge rate control for EMI suppression
■ Current driven system to deliver constant
actuator power
■ Automatic short circuit protection
■ Automatic over-temperature protection
■ Automatic under-voltage lockout protection
■ Automatic haptic playback timeout in case of
host disappearance
■ Supply monitoring and automatic output
limiting
■ Small solution footprint requiring only one
decoupling capacitor in both WLCSP and QFN


Similar Part No. - DA7283-01FVC

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7283-01FVC DIALOG-DA7283-01FVC Datasheet
576Kb / 22P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
logo
Renesas Technology Corp
DA7283-01FVC RENESAS-DA7283-01FVC Datasheet
850Kb / 24P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
Rev.3.20 June 16, 2026
More results

Similar Description - DA7283-01FVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
Automotive Haptic Driver for LRA and ERM
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
HAPTIC DRIVER FOR ERM AND LRA
Rev 2.0
logo
Dialog Semiconductor
DA7280 DIALOG-DA7280 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
DA7281 DIALOG-DA7281 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
DA7283 DIALOG-DA7283 Datasheet
576Kb / 22P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com