Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9250-10 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9250-10
Description  Frequency Timing Generator for Pentium II Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-10 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9250-10 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 14Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 15Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ICS9250- 10
Electrical Characteristics - 48MHz_1 (Pin 26)
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 20-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP3B
1
VO = VDD*(0.5)
10
15
24
Ω
Output Impedance
RDSN3B
1
VO = VDD*(0.5)
10
15
24
Ω
Output High Voltage
VOH3
IOH = -1 mA
2.4
V
Output Low Voltage
VOL3
IOL = 1 mA
0.55
V
VOH @ MIN = 2.0 V
-54
-82
VOH @ MAX = 3.135 V
-20
-46
VOL @ MIN = 1.0 V
54
95
VOL @ MAX = 0.4 V
28
53
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
0.4
1.1
1.6
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
0.4
1.3
1.6
ns
Duty Cycle
1
dt3
VT = 1.5 V
455355
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc3B
VT = 1.5 V
130
250
ps
1
Guaranteed by design, not 100% tested in production.
Output High Current
IOH3
mA
Output Low Current
IOL3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com