Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9250-10 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9250-10
Description  Frequency Timing Generator for Pentium II Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-10 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9250-10 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-10 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ICS9250- 10
Pin Descriptions
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1
C
I
P
A
_
Q
E
R
FN
I
.
y
c
n
e
u
q
e
r
f
C
I
P
A
O
I
e
h
t
s
e
n
i
m
r
e
t
e
d
s
i
h
t
.
n
O
r
e
w
o
P
t
a
t
u
p
n
i
d
e
h
c
t
a
L
z
H
M
7
6
.
6
1
=
q
e
r
F
C
I
P
A
O
I
,
d
e
h
c
t
a
l
s
i
"
0
"
a
n
e
h
W
z
H
M
3
.
3
3
=
q
e
r
F
C
I
P
A
O
I
,
d
e
h
c
t
a
l
s
i
"
1
"
n
e
h
W
.
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
K
0
6
a
s
a
h
n
i
p
s
i
h
T
0
F
E
RT
U
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3
31
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
42
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
3
3
(
p
a
c
,
3
2
,
7
1
,
4
1
,
6
,
5
7
4
,
1
4
,
5
3
,
4
2
)
5
:
0
(
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
7
,
8]
0
:
1
[
6
6
V
3T
U
OB
U
H
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
6
6
d
e
x
i
F
V
3
.
3
,
1
2
,
0
1
,
9
,
2
4
4
,
8
3
,
3
3
,
7
2
,
2
2
)
5
:
0
(
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
,
6
1
,
8
1
,
9
1
,
0
2
1
1
,
2
1
,
3
1
,
5
1
]
0
:
7
[
K
L
C
I
C
PT
U
OS
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
t
i
w
,
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
6
2
,
5
2)
1
:
0
(
z
H
M
8
4T
U
OB
S
U
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
F
V
3
.
3
9
2
,
8
2)
1
:
0
(
S
FN
I
t
u
p
t
u
o
l
l
a
,
y
c
n
e
u
q
e
r
f
U
P
C
s
e
n
i
m
r
e
t
e
D
.
s
n
i
p
t
c
e
l
e
S
n
o
i
t
c
n
u
F
.
3
e
g
a
p
n
o
e
l
b
a
t
y
t
i
l
a
n
o
i
t
c
n
u
F
o
t
r
e
f
e
r
e
s
a
e
l
P
.
y
t
i
l
a
n
o
i
t
c
n
u
f
0
3A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
.
t
u
p
n
i
l
a
i
r
e
s
C
1
3K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
C
2
3#
D
PN
I
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
o
t
n
i
n
w
o
d
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
d
n
a
O
C
V
.
s
m
3
n
a
h
t
r
e
t
a
e
r
g
e
b
t
o
n
l
l
i
w
,
2
4
,
0
4
,
9
3
,
7
3
,
6
3
6
4
,
5
4
,
3
4
]
0
:
7
[
M
A
R
D
ST
U
O
d
e
n
r
u
t
e
b
n
a
c
s
t
u
p
t
u
o
M
A
R
D
S
l
l
A
.
z
H
M
0
0
1
g
n
i
n
n
u
r
t
u
p
t
u
o
V
3
.
3
I
h
g
u
o
r
h
t
f
f
o
2C
4
3F
_
M
A
R
D
ST
U
OI
y
b
d
e
t
c
e
f
f
a
t
o
n
M
A
R
D
S
z
H
M
0
0
1
g
n
i
n
n
u
r
e
e
r
f
V
3
.
3
2C
8
4
,
6
5]
0
:
1
[
L
D
N
GR
W
PC
I
P
A
&
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
r
o
f
d
n
u
o
r
G
2
5
,
0
5
,
9
4]
0
:
2
[
K
L
C
U
P
CT
U
O
S
F
n
o
g
n
i
d
n
e
p
e
d
z
H
M
0
0
1
r
o
z
H
M
6
6
.
t
u
p
t
u
o
k
c
o
l
c
s
u
b
t
s
o
H
V
5
.
2
.
3
e
g
a
p
r
e
f
e
R
s
n
i
p
)
1
:
0
(
3
5
,
1
5)
1
:
0
(
L
D
D
VR
W
PC
I
P
A
O
I
&
U
P
C
r
o
f
y
l
p
p
y
u
s
r
e
w
o
p
V
5
.
2
5
5
,
4
5]
0
:
1
[
C
I
P
A
O
IT
U
O.
z
H
M
3
.
3
3
r
o
z
H
M
7
6
.
6
1
t
a
g
n
i
n
n
u
r
s
t
u
p
t
u
o
k
c
o
l
c
V
5
.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com