Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7496SA Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7496SA
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496SA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7496SA Datasheet HTML 4Page - STMicroelectronics TDA7496SA Datasheet HTML 5Page - STMicroelectronics TDA7496SA Datasheet HTML 6Page - STMicroelectronics TDA7496SA Datasheet HTML 7Page - STMicroelectronics TDA7496SA Datasheet HTML 8Page - STMicroelectronics TDA7496SA Datasheet HTML 9Page - STMicroelectronics TDA7496SA Datasheet HTML 10Page - STMicroelectronics TDA7496SA Datasheet HTML 11Page - STMicroelectronics TDA7496SA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TDA7496SA
8/13
Figure 10. Distortion vs Output Power
Figure 11. Closed Loop Gain vs. Frequency
Figure 12. St-By Attenuation vs Vpin 9
Figure 13. Mute Attenuation vs Vpin 10
PINS DESCRIPTION
Figure 14. PIN SVR
Figure 15. PINS: INL,INR
Distortion
(%)
Vs=12V
Rl=4
Ω
F=15KHz
F=1KHz
D03AU1500
Output Power (W)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 1.6
1.8
2.0
0.1
0.01
1
20
0.02
0.2
2
20
22
24
26
28
30
Closed loop
Gain
(dB)
Frequency (KHz)
D03AU1501
Rl=8
Ω
Pout=0.5W
Cin=470nF
Cout=1000
µF
Csvr=470
µF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
St-by Attenuation
(dB)
Vpin # 9 (V)
D03AU1502
Rl=8
Ω
0dB @ Pout=1W
-140
-120
-100
-80
-60
-40
-20
0
Mute Attenuation
(dB)
-120
-100
-80
-60
-40
-20
0
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
Vpin # 10 (V)
D03AU1503
Rl=8
Ω
0dB @ Pout=1W
+
-
6K
6K
1K
1K
30K
30K
SVR
20K
20K
VS
VS
VS
OUT L
OUT R
100
µA
D97AU585A
500
µA
30K
VS
INn
SVR
D97AU589
6K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com