Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7496SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7496SA
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496SA Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7496SA Datasheet HTML 1Page - STMicroelectronics TDA7496SA Datasheet HTML 2Page - STMicroelectronics TDA7496SA Datasheet HTML 3Page - STMicroelectronics TDA7496SA Datasheet HTML 4Page - STMicroelectronics TDA7496SA Datasheet HTML 5Page - STMicroelectronics TDA7496SA Datasheet HTML 6Page - STMicroelectronics TDA7496SA Datasheet HTML 7Page - STMicroelectronics TDA7496SA Datasheet HTML 8Page - STMicroelectronics TDA7496SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
TDA7496SA
September 2003
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
5+5W OUTPUT POWER
RL = 8Ω @THD = 10% VCC = 22V
s
ST-BY AND MUTE FUNCTIONS
s
LOW TURN-ON TURN-OFF POP NOISE
s
LINEAR VOLUME CONTROL DC COUPLED
WITH POWER OP. AMP.
s
NO BOUCHEROT CELL
s
NO ST_BY RC INPUT NETWORK
s
SINGLE SUPPLY RANGING UP TO 35V
s
SHORT CIRCUIT PROTECTION
s
THERMAL OVERLOAD PROTECTION
s
INTERNALLY FIXED GAIN
s
SOFT CLIPPING
s
VARIABLE OUTPUT AFTER VOLUME
CONTROL CIRCUIT
s
CLIPWATT 15 PACKAGE
DESCRIPTION
The TDA7496SA is a stereo 5+5W class AB power
amplifier assembled i the @Clipwatt 15 package,
specially designed for high quality sound TV applica-
tions.
Features of the TDA7496SA include linear volume
control Stand-by and Mute functions.
The TDA7496SA is pin to pin compatible with
TDA7496,
TDA7496S,
TDA7496SA,
TDA7495,
TDA7495SA, TDA7494S, TDA7494SA.
Clipwatt 15
ORDERING NUMBER: TDA7496SA
PRODUCT PREVIEW
5W+5W AMPLIFIER WITH DC VOLUME CONTROL
BLOCK DIAGRAM
VOLUME
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
470nF
INR
30K
VOLUME
OP AMP
+
-
30K
1000
µF
1000
µF
1
µF
10K
5
470nF
INL
8
S_GND
2
14
9
10
12
34
300K
100nF
VOLUME
VAROUT_L
OUTR
STBY
MUTE
OUTL
11
PW_GND
470
µF
SVR
7
D96AU440D
VS
VAROUT_R
PW_GND
15
13
+5V
S1 ST-BY
+5V
S2 MUTE
+5V
S_GND
60K
MULTIPOWER BI50II TECHNOLOGY


Similar Part No. - TDA7496SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
5W5W AMPLIFIER
January 2000
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
5W5W AMPLIFIER
Sep-2003
More results

Similar Description - TDA7496SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Apr-1998
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
5W5W AMPLIFIER
January 2000
logo
Unisonic Technologies
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
5W5W AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
5W AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com