Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG59M1735C Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SLG59M1735C Datasheet HTML 7Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 8Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 9Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 10Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 11Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 12Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 13Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 14Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 11 of 18
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
©2022 Renesas Electronics Corporation
Layout Guidelines:
1. The VDD pin (A1) needs a 0.1µF (or larger) external capacitor to smooth pulses from the power supply. Locate this capacitor
as close as possible to the SLG59M1735C's A1 pin.
2. Since the VIN and VOUT pins dissipate most of the heat generated during high-load current operation, it is highly recommended
to make power traces as short, direct, and wide as possible. A good practice is to make power traces with absolute minimum
widths of 15 mils (0.381 mm) per Ampere. A representative layout, shown in Figure 5, illustrates proper techniques for heat to
transfer as efficiently as possible out of the device;
3. To minimize the effects of parasitic trace inductance on normal operation, it is recommended to connect input CIN and output
CLOAD low-ESR capacitors as close as possible to the SLG59M1735C's VIN and VOUT pins;
4. The GND pin should be connected to system analog or power ground plane.
SLG59M1735C Evaluation Board:
А GreenFET Evaluation Board for SLG59M1735C is designed according to the statements above and is illustrated on Figure 5.
Please note that evaluation board has D_Sense and S_Sense pads. They cannot carry high currents and dedicated only for
RDSON evaluation.
Figure 5. SLG59M1735C Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com