Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG59M1735C Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button SLG59M1735C Datasheet HTML 11Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 12Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 13Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 14Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 15Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 16Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 17Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 18Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 17 of 18
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
©2022 Renesas Electronics Corporation
Tape and Reel Specifications
Carrier Tape Drawing and Dimensions
Package
Type
# of
Pins
Nominal
Package Size
[mm]
Max Units
Reel &
Hub Size
[mm]
Leader (min)
Trailer (min)
Tape
Width
[mm]
Part
Pitch
[mm]
per Reel
per Box
Pockets
Length
[mm]
Pockets
Length
[mm]
WLCSP 8L
0.96x1.56
mm 0.4P
Green
8
0.96 x 1.56 x
0.44
3000
3000
178 / 60
100
400
100
400
8
4
Package
Type
PocketBTM
Length
PocketBTM
Width
Pocket
Depth
Index Hole
Pitch
Pocket
Pitch
Index Hole
Diameter
Index Hole
to Tape
Edge
Index Hole
to Pocket
Center
Tape
Width
Tape
Thickness
A0
B0
K0
P0
P1
D0
E
F
W
T
WLCSP 8L
0.96x1.56
mm 0.4P
Green
1.11
1.7
0.56
4
4
1.5
1.75
3.5
8
0.25
Refer to EIA-481 specification
Note: Orientation in carrier: Pin1 is at upper left corner (Quadrant 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com