Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCTS139K/SAMPLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCTS139K/SAMPLE
Description  Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS139K/SAMPLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCTS139K/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HCTS139K/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HCTS139K/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HCTS139K/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HCTS139K/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HCTS139K/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HCTS139K/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp HCTS139K/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp HCTS139K/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev X.00
Page 1 of 9
Jan 13, 2017
Rev X.00
Jan 13, 2017
HCTS139MS
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCTS139MS is a Radiation Hardened 2-to-4 line
Decoder/Demultiplexer with an active low enable (E). Data
on the select inputs (A0, A1) cause one of the four normally
high outputs to go to a low logic level. The Demultiplexing
function is performed by using the enable input as the data
input.
The HCTS139MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family
with TTL input compatibility.
The HCTS139MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
E1 1
A0 1
A1 1
Y0 1
Y1 1
Y2 2
GND
Y3 1
VCC
2 A0
2 A1
2 Y0
2 Y1
2 Y2
2 Y3
2 E
E1
A0 1
A1 1
Y0 1
Y1 1
Y2 1
Y3 1
GND
VCC
2 E
2 A0
2 A1
2 Y0
2 Y1
2 Y2
2 Y3
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS139DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCTS139KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCTS139D/Sample
+25oC
Sample
16 Lead SBDIP
HCTS139K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCTS139HMSR
+25oCDie
Die


Similar Part No. - HCTS139K/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS139K INTERSIL-HCTS139K Datasheet
160Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCTS139KMSR INTERSIL-HCTS139KMSR Datasheet
160Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
More results

Similar Description - HCTS139K/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com