Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74CDCF2510BTEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74CDCF2510BTEL
Description  140 MHz, 0 to 85°C Operation 3.3-V Phase-lock Loop Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CDCF2510BTEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74CDCF2510BTEL Datasheet HTML 1Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 2Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 3Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 4Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 5Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 6Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 7Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 8Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev.10.00 Apr 07, 2006 page 1 of 7
HD74CDCF2510B
140 MHz, 0 to 85°C Operation
3.3-V Phase-lock Loop Clock Driver
REJ03D0828-1000
(Previous: ADE-205-225H)
Rev.10.00
Apr 07, 2006
Description
The HD74CDCF2510B is a high-performance, low-skew, low-jitter, phase-lock loop clock driver. It uses a phase-lock
loop (PLL) to precisely align, in both frequency and phase, the feedback (FBOUT) output to the clock (CLK) input
signal. It is specifically designed for use with synchronous DRAMs. The HD74CDCF2510B operates at 3.3 V VCC and
is designed to drive up to five clock loads per output.
Bank of outputs provide ten low-skew, low-jitter copies of the input clock. Output signal duty cycles are adjusted to 50
percent independent of the duty cycle at the input clock. Bank of outputs can be enabled or disabled via the control (G)
inputs. When the G inputs are high, the outputs switch in phase and frequency with CLK; when the G inputs are low,
the outputs are disabled to the logic-low state.
Unlike many products containing PLLs, the HD74CDCF2510B does not require external RC networks. The loop filter
for the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, HD74CDCF2510B requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required, following power up and application of a
fixed-frequency, fixed-phase signal at CLK, as well as following any changes to the PLL reference or feedback signals.
Features
• Supports PC133 and meets “PC SDRAM registered DIMM specification, Rev. 1.1”
• Phase-lock loop clock distribution for synchronous DRAM applications
• External feedback (FBIN) pin is used to synchronize the outputs to the clock input
• No external RC network required
• Support spread spectrum clock (SSC) synthesizers
• Supports frequencies up to 140 MHz
• 0 to 85°C operating range
• Ordering Information
Part Name
Package Type
Package Code
(Previous code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74CDCF2510BTEL
TSSOP-24 pin
PTSP0024JB-A
(TTP-24DBV)
T
EL (1,000 pcs / Reel)
Function Table
Inputs
Outputs
G
CLK
1Y (0:9)
FBOUT
X
L
L
L
L
H
L
H
H
H
H
H
H :
High level
L :
Low level
X :
Immaterial



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com