Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74CDCF2510BTEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74CDCF2510BTEL
Description  140 MHz, 0 to 85°C Operation 3.3-V Phase-lock Loop Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CDCF2510BTEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74CDCF2510BTEL Datasheet HTML 2Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 3Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 4Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 5Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 6Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 7Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 8Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 9Page - Renesas Technology Corp HD74CDCF2510BTEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74CDCF2510B
Rev.10.00 Apr 07, 2006 page 5 of 7
Switching Characteristics
(CL = 25 pF, Ta = 0 to 85°C)
VCC = 3.3 V±0.3 V
Item
Symbol
Min
Typ
Max
Unit
From (Input)
To (Output)
Phase error time
tpe
–125
—
125
ps
CLKIN
↑
= 133 MHz
FBIN
↑
Between output pins skew
*1
tsk (O)
—
—
150
ps
Any Y or FBOUT,
F (clkin =
133 MHz)
Any Y or FBOUT
Cycle to cycle jitter
–75
—
75
ps
F (clkin =
133 MHz)
Any Y or FBOUT
Duty cycle
45
—
55
%
F (clkin =
133 MHz)
Any Y or FBOUT
Slew rate
5.0
—
1.0
volts/ns
Any Y or FBOUT
Analog power supply rejection
(DC to 10 MHz)
Vapsr
*2
100
—
—
mVP–P
AVCC
Notes:
The specifications for parameters in this table are applicable only after any appropriate stabilization time has
elapsed.
1. The tsk(O) specification is only valid for equal loading of all outputs.
2. This parameter is characterized but not tested.
Timing Requirements
Item
Symbol
Min
Max
Unit
Test Conditions
Input clock frequency
fclock
50
140
MHz
Input clock duty cycle
40
60
%
Stabilization time
*1
—
1
ms
After power up
Note:
1. Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal.
In order for phase lock to be obtained, a fixed-frequency, fixed-phase reference signal must be present at
CLK. Until phase lock is obtained, the specifications for propagation delay and skew parameters given in the
switching characteristics table are not applicable.
Test Circuit
500
Ω
From output
under test
C = 25 pF
L
*1
Note:
1. CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com