Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA5023EVAL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA5023EVAL
Description  Dual, 425MHz, Low Power, Video Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5023EVAL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA5023EVAL Datasheet HTML 1Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 2Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 3Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 4Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 5Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 6Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 7Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 8Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Inverting Input Bias Current
Power Supply Sensitivity
ΔVPS = ±1.8V
A
25
-
2
5
μA/V
ΔVPS = ±1.8V
A
85
-
4
8
μA/V
ΔVPS = ±1.2V
A
-40
-
4
8
μA/V
Inverting Input Resistance
C
25
-
55
-
Ω
Input Capacitance
C
25
-
1.5
-
pF
Input Voltage Common Mode Range
(Implied by VIO CMRR, +RIN, and -IBIAS CMS
tests)
A
25, 85
±1.8
±2.4
-
V
A-40
±1.2
±1.7
-
V
Input Noise Voltage Density (Note 6)
f = 100kHz
B
25
-
3.5
-
nV/
√Hz
Non-Inverting Input Noise Current Density (Note 6) f = 100kHz
B
25
-
2.5
-
pA/
√Hz
Inverting Input Noise Current Density (Note 6)
f = 100kHz
B
25
-
25
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Open Loop Transimpedance Gain (Note 6)
C
25
-
400
-
k
Ω
AC CHARACTERISTICS AV = +2, RF = 464Ω, Unless Otherwise Specified
-3dB Bandwidth (VOUT =0.2VP-P, Note 6)
AV = +1, +RS = 432Ω
B25
-
300
-
MHz
AV = +2
B
25
-
425
-
MHz
AV = -1, RF = 332Ω
B25
-
350
-
MHz
Full Power Bandwidth
(VOUT =5VP-P at AV =+2/-1,
4VP-P at AV = +1, Note 6)
AV = +1, RS = 432Ω
B25
-
135
-
MHz
AV = +2
B
25
-
130
-
MHz
AV = -1, RF = 332Ω
B25
-
200
-
MHz
Gain Flatness
(AV = +2,VOUT = 0.2VP-P, Note 6)
To 25MHz
B
25
-
±0.04
-
dB
To 50MHz
B
25
-
±0.04
-
dB
To 100MHz
B
25
-
±0.07
-
dB
Minimum Stable Gain
A
Full
-
1
-
V/V
Crosstalk (AV = +2, Note 6)
5MHz
B
25
-
-60
-
dB
10MHz
B
25
-
-54
-
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 6)
AV =-1, RL = 100Ω
RF = 560Ω
A25
±3
±3.5
-
V
AFull
±2.8
±3-
V
Output Current (Note 6)
AV = -1, RL = 50Ω
RF = 560Ω
A
25, 85
50
60
-
mA
A
-40
28
42
-
mA
Output Short Circuit Current
RF = 560Ω
B25
-
90
-
mA
Closed Loop Output Impedance (Note 6)
DC, AV = +2, RF = 464Ω
B
25
-
0.07
-
Ω
Second Harmonic Distortion
(AV =+2, RF =464Ω, VOUT =2VP-P)
10MHz
B
25
-
-53
-
dBc
20MHz
B
25
-
-45
-
dBc
Third Harmonic Distortion
(AV =+2, RF =464Ω, VOUT =2VP-P)
10MHz
B
25
-
-55
-
dBc
20MHz
B
25
-
-50
-
dBc
TRANSIENT CHARACTERISTICS AV = +2, RF = 464Ω, Unless Otherwise Specified
Rise and Fall Times (VOUT = 0.5VP-P)
Rise Time
B
25
-
1.0
-
ns
Fall Time
B
25
-
1.4
-
ns
Overshoot
(VOUT = 0 to 0.5V, VIN tRISE = 1ns, Note 4)
+OS
B
25
-
5
-
%
-OS
B
25
-
4
-
%
Overshoot
(VOUT = 0.5VP-P, VIN tRISE = 1ns, Note 4)
+OS
B
25
-
5
-
%
-OS
B
25
-
10
-
%
Electrical Specifications VSUPPLY = ±5V, AV = +1, RF = 560Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com