Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA5023EVAL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA5023EVAL
Description  Dual, 425MHz, Low Power, Video Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5023EVAL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA5023EVAL Datasheet HTML 6Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 7Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 8Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 9Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 10Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 11Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 12Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 13Page - Renesas Technology Corp HA5023EVAL Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FIGURE 20. SETTLING TIME RESPONSE
FIGURE 21. OPEN LOOP TRANSIMPEDANCE
FIGURE 22. FREQUENCY RESPONSE
FIGURE 23. FREQUENCY RESPONSE
Typical Performance Curves VSUPPLY = ±5V, RF = Value From the Optimum Feedback Resistor Table, TA = 25oC, RL = 100Ω,
Unless Otherwise Specified (Continued)
30
50
70
20
40
60
TIME (ns)
10
80
100
90
0.1
0.05
-0.025
0
0.025
-0.05
-0.1
VOUT = 2V
AV = +2
CH2
GAIN
PHASE
180
135
90
45
0
20
63
200
0.2
0.63
2.0
6.3
FREQUENCY (MHz)
1
10
100
500
0.1
0.01
0.001
0.063
36
630
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = +1, CH2
VOUT = 200mVP-P
GAIN
PHASE
AV = +1, CH1
AV = -1
AV = +1
BOTH CHANNELS SHOWN
AV = -1
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = +2, CH2
AV = +2, CH1
VOUT = 200mVP-P
GAIN
PHASE
AV = +5
AV = +10
BOTH CHANNELS SHOWN
AV = +2
AV = +10
AV = +5
HFA1205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com