Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS844625I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS844625I
Description  Crystal-to-LVDS Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844625I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS844625I Datasheet HTML 10Page - Renesas Technology Corp ICS844625I Datasheet HTML 11Page - Renesas Technology Corp ICS844625I Datasheet HTML 12Page - Renesas Technology Corp ICS844625I Datasheet HTML 13Page - Renesas Technology Corp ICS844625I Datasheet HTML 14Page - Renesas Technology Corp ICS844625I Datasheet HTML 15Page - Renesas Technology Corp ICS844625I Datasheet HTML 16Page - Renesas Technology Corp ICS844625I Datasheet HTML 17Page - Renesas Technology Corp ICS844625I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ICS844625BYI REVISION A JUNE 3, 2016
14
©2016 Integrated Device Technology, Inc.
ICS844625I Data Sheet
CRYSTAL-TO-LVDS CLOCK SYNTHESIZER
Overdriving the XTAL Interface
The XTAL_IN input can be overdriven by an LVCMOS driver or by one
side of a differential driver through an AC coupling capacitor. The
XTAL_OUT pin can be left floating. The amplitude of the input signal
should be between 500mV and 1.8V and the slew rate should not be
less than 0.2V/nS. For 3.3V LVCMOS inputs, the amplitude must be
reduced from full swing to at least half the swing in order to prevent
signal interference with the power rail and to reduce internal noise.
Figure 1A shows an example of the interface diagram for a high
speed 3.3V LVCMOS driver. This configuration requires that the sum
of the output impedance of the driver (Ro) and the series resistance
(Rs) equals the transmission line impedance. In addition, matched
termination at the crystal input will attenuate the signal in half. This
can be done in one of two ways. First, R1 and R2 in parallel should
equal the transmission line impedance. For most 50
 applications,
R1 and R2 can be 100
. This can also be accomplished by removing
R1 and changing R2 to 50
. The values of the resistors can be
increased to reduce the loading for a slower and weaker LVCMOS
driver. Figure 1B shows an example of the interface diagram for an
LVPECL driver. This is a standard LVPECL termination with one side
of the driver feeding the XTAL_IN input. It is recommended that all
components in the schematics be placed in the layout. Though some
components might not be used, they can be utilized for debugging
purposes. The datasheet specifications are characterized and
guaranteed by using a quartz crystal as the input.
Figure 1A. General Diagram for LVCMOS Driver to XTAL Input Interface
Figure 1B. General Diagram for LVPECL Driver to XTAL Input Interface
VCC
XTAL_OUT
XTAL_IN
R1
100
R2
100
Zo = 50 ohms
Rs
Ro
Zo = Ro + Rs
C1
.1uf
LVCMOS Driver
XTAL_OUT
XTAL_IN
Zo = 50 ohms
C2
.1uf
LVPECL Driver
Zo = 50 ohms
R1
50
R2
50
R3
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com