Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS844625I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS844625I
Description  Crystal-to-LVDS Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844625I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS844625I Datasheet HTML 1Page - Renesas Technology Corp ICS844625I Datasheet HTML 2Page - Renesas Technology Corp ICS844625I Datasheet HTML 3Page - Renesas Technology Corp ICS844625I Datasheet HTML 4Page - Renesas Technology Corp ICS844625I Datasheet HTML 5Page - Renesas Technology Corp ICS844625I Datasheet HTML 6Page - Renesas Technology Corp ICS844625I Datasheet HTML 7Page - Renesas Technology Corp ICS844625I Datasheet HTML 8Page - Renesas Technology Corp ICS844625I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ICS844625BYI REVISION A JUNE 3, 2016
2
©2016 Integrated Device Technology, Inc.
ICS844625I Data Sheet
CRYSTAL-TO-LVDS CLOCK SYNTHESIZER
Block Diagram
Phase
Detector
VCO
625MHz
M = ÷25
2
2
6
OSC
MR
BYPASS
REF_CLK
XTAL_IN
XTAL_OUT
nQA[0:5]
nQB[0:1]
QB[0:1]
QA[0:5]
QC[0:1]
nQC[0:1]
OEA
Pullup
OEB
Pullup
SELA[0:1]
SELB[0:1]
SELC[0:1]
25MHz
OEC
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
÷2, ÷4, ÷5
÷2, ÷4, ÷5
÷2, ÷4, ÷5
2
2
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com