Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS853S013I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS853S013I
Description  Low Skew, Dual, 1-to-3, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S013I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS853S013I Datasheet HTML 9Page - Renesas Technology Corp ICS853S013I Datasheet HTML 10Page - Renesas Technology Corp ICS853S013I Datasheet HTML 11Page - Renesas Technology Corp ICS853S013I Datasheet HTML 12Page - Renesas Technology Corp ICS853S013I Datasheet HTML 13Page - Renesas Technology Corp ICS853S013I Datasheet HTML 14Page - Renesas Technology Corp ICS853S013I Datasheet HTML 15Page - Renesas Technology Corp ICS853S013I Datasheet HTML 16Page - Renesas Technology Corp ICS853S013I Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICS853S013AMI REVISION A AUGUST 20, 2010
13
©2010 Integrated Device Technology, Inc.
ICS853S013I Data Sheet
LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in Figure 5.
Figure 5. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50Ω load, and a termination voltage of
VCC – 2V.
•
For logic high, VOUT = VOH_MAX = VCC_MAX – 0.815V
(VCC_MAX – VOH_MAX) = 0.815V
•
For logic low, VOUT = VOL_MAX = VCC_MAX – 1.68V
(VCC_MAX – VOL_MAX) = 1.68V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOH_MAX) = [(2V – (VCC_MAX – VOH_MAX))/RL] * (VCC_MAX – VOH_MAX) =
[(2V – 0.815V)/50
Ω] * 0.815V = 19.32mW
Pd_L = [(VOL_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOL_MAX) = [(2V – (VCC_MAX – VOL_MAX))/RL] * (VCC_MAX – VOL_MAX) =
[(2V – 1.68V)/50
Ω] * 1.68V = 10.75mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.07mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com