Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS853S013I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS853S013I
Description  Low Skew, Dual, 1-to-3, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S013I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS853S013I Datasheet HTML 1Page - Renesas Technology Corp ICS853S013I Datasheet HTML 2Page - Renesas Technology Corp ICS853S013I Datasheet HTML 3Page - Renesas Technology Corp ICS853S013I Datasheet HTML 4Page - Renesas Technology Corp ICS853S013I Datasheet HTML 5Page - Renesas Technology Corp ICS853S013I Datasheet HTML 6Page - Renesas Technology Corp ICS853S013I Datasheet HTML 7Page - Renesas Technology Corp ICS853S013I Datasheet HTML 8Page - Renesas Technology Corp ICS853S013I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ICS853S013AMI REVISION A AUGUST 20, 2010
2
©2010 Integrated Device Technology, Inc.
ICS853S013I Data Sheet
LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Table
Table 3. Clock Input Function Table
NOTE 1: Please refer to the Application Information, Wiring the Differential Input to Accept Single Ended Levels.
Number
Name
Type
Description
1, 2
nQA0, QA0
Output
Differential output pair. LVPECL interface levels.
3, 8, 16
VCC
Power
Power supply pins.
4
PCLKA
Input
Pulldown
Non-inverting differential LVPECL clock input.
5
nPCLKA
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
6
PCLKB
Input
Pulldown
Non-inverting differential LVPECL clock input.
7
nPCLKB
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
9, 10
nQB0, QB0
Output
Differential output pair. LVPECL interface levels.
11
VEE
Power
Negative supply pin.
12, 13
nQB1, QB1
Output
Differential output pair. LVPECL interface levels.
14, 15
nQB2, QB2
Output
Differential output pair. LVPECL interface levels.
17, 18
nQA2, QA2
Output
Differential output pair. LVPECL interface levels.
19, 20
nQA1, QA1
Output
Differential output pair. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RPULLDOWN
Input Pulldown Resistor
75
k
Ω
RVCC/2
Pullup/Pulldown Resistors
50
k
Ω
Inputs
Outputs
Input to Output Mode
Polarity
PCLKA or PCLKB
nPCLKA or nPCLKB
QA[0:2],
QB[0:2]
nQA[0:2],
nQB[0:2]
0
1
LOW
HIGH
Differential to Differential
Non-Inverting
1
0
HIGH
LOW
Differential to Differential
Non-Inverting
0
Biased; NOTE 1
LOW
HIGH
Single-Ended to Differential
Non-Inverting
1
Biased; NOTE 1
HIGH
LOW
Single-Ended to Differential
Non-Inverting
Biased; NOTE 1
0
HIGH
LOW
Single-Ended to Differential
Inverting
Biased; NOTE 1
1
LOW
HIGH
Single-Ended to Differential
Inverting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com