Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTMS1301FTB/AF Datasheet(PDF) 22 Page - NXP Semiconductors

Part # HTMS1301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTB/AF Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button HTMS1301FTB/AF Datasheet HTML 18Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 19Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 20Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 21Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 22Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 23Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 24Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 25Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
22 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.2 Error handling
In case an error has been occurred the transponder IC responses with the set error flag
and the three bit code ’111’ (meaning ’unknown error’).
The general response format in case of an error response is shown in Table 13 whereas
commands not supporting error responses are excluded. In case of an unsupported
command there will be no response. The format is embedded into SOF and EOF.
Table 13.
Response format in error case
Error flag
Error code
CRC-16
Description
1
3
(16)
No. of bits
1
111
Fig 12. HITAG µ ISO 18000 transponder IC response - in case of no error
Fig 13. HITAG µ ISO 18000 transponder IC response - in error case
001aak260
SOF
Error Flag
''0''
Data
(CRC)
EOF
001aak262
SOF
Error Flag
''1''
Error Code
''111''
(CRC)
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com