Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTMS1301FTB/AF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HTMS1301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTB/AF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HTMS1301FTB/AF Datasheet HTML 2Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 3Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 4Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 5Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 6Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 7Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 8Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 9Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
6 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
7.1.5 Au bump
• Bump material:
> 99.9% pure Au
• Bump hardness:
35 – 80 HV 0.005
• Bump shear strength:
> 70 MPa
• Bump height:
18
μm
• Bump height uniformity:
– within a die:
± 2
μm
– within a wafer:
± 3
μm
– wafer to wafer:
± 4
μm
• Bump flatness:
± 1.5
μm
• Bump size:
– LA, LB
294 x 164
μm
– TEST, GND, VDD
60 x 60
μm
– Bump size variation:
± 5 μm
• Under bump metallization:
sputtered TiW
7.1.6 Fail die identification
No inkdots are applied to the wafer.
Electronic wafer mapping (SECS II format) covers the electrical test results and
additionally the results of mechanical/visual inspection.
See Ref. 2 “General specification for 8” wafer on UV-tape with electronic fail die marking”.
7.1.7 Map file distribution
See Ref. 2 “General specification for 8” wafer on UV-tape with electronic fail die marking”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com