Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M66596WG Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M66596WG
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596WG Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M66596WG Datasheet HTML 35Page - Renesas Technology Corp M66596WG Datasheet HTML 36Page - Renesas Technology Corp M66596WG Datasheet HTML 37Page - Renesas Technology Corp M66596WG Datasheet HTML 38Page - Renesas Technology Corp M66596WG Datasheet HTML 39Page - Renesas Technology Corp M66596WG Datasheet HTML 40Page - Renesas Technology Corp M66596WG Datasheet HTML 41Page - Renesas Technology Corp M66596WG Datasheet HTML 42Page - Renesas Technology Corp M66596WG Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 37 of 127
BRDY interrupt status register [BRDYSTS]
<Address: 46H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PIPEBRDY
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-8 Nothing is placed here. These should be fixed at “0”.
7-0 PIPEBRDY
BRDY interrupt status for theeach pipe
0: Interrupts are not issued.
1: Interrupts are issued.
R/W(0) W(1)
3.2.3
*6)
<<Note>>
*6) The bit numbers correspond to the pipe numbers. Also, if factors are being generated for more than one pipe, an
access cycle of at least 100 ns is required in order to clear the bits in succession, rather than simultaneously.
NRDY interrupt status register [NRDYSTS]
<Address: 48H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PIPENRDY
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-8 Nothing is placed here. These should be fixed at “0”.
7-0 PIPENRDY
NRDY interrupt for the each pipe
0: Interrupts are not issued.
1: Interrupts are issued.
R/W(0) W(1)
3.2.4
*7)
<<Note>>
*7) The bit numbers correspond to the pipe numbers. Also, if factors are being generated for more than one pipe, an
access cycle of at least 100 ns is required in order to clear the bits in succession, rather than simultaneously.
BEMP interrupt status register [BEMPSTS]
<Address: 4AH>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PIPEBEMP
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-8 Nothing is placed here. These should be fixed at “0”.
7-0 PIPEBEMP
BEMP interrupt for the each pipe
0: Interrupts are not issued.
1: Interrupts are issued.
R/W(0) W(1)
3.2.5
*8)
<<Note>>
*8) The bit numbers correspond to the pipe numbers. Also, if factors are being generated for more than one pipe, an
access cycle of at least 100 ns is required in order to clear the bits in succession, rather than simultaneously.
2.9.1
Mirror bits of INTSTS0 registor and INTSTS1
SOFR
, BEMP, NRDY, BRDY bit of INTSTS1 register are mirror bits of INTSTS0 register. When software reads,
the same value as the same bit of INTSTS0 register can be read. When it writes, the same value as the same bit of
INTSTS0
register is written in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com