Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M66596WG Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M66596WG
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596WG Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M66596WG Datasheet HTML 17Page - Renesas Technology Corp M66596WG Datasheet HTML 18Page - Renesas Technology Corp M66596WG Datasheet HTML 19Page - Renesas Technology Corp M66596WG Datasheet HTML 20Page - Renesas Technology Corp M66596WG Datasheet HTML 21Page - Renesas Technology Corp M66596WG Datasheet HTML 22Page - Renesas Technology Corp M66596WG Datasheet HTML 23Page - Renesas Technology Corp M66596WG Datasheet HTML 24Page - Renesas Technology Corp M66596WG Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 19 of 127
System configuration status register [SYSSTS]
<Address: 02H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LNST
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
Bit
Name
Function
S/W
H/W
Note
15-2
Nothing is placed here. These should be fixed at “0”.
1-0 LNST
USB data line status
Please see the detailed explanation concerning
this item.
R
W
2.3.3
<<Notes>>
None in particular
2.3.1
Selection of a function
The HSE and DCFM bit of the SYSCFG register should be used to select function of the controller. The
controller function selection table is shown in Table 2.3.
Table 2.3 The controller function selection
HSE
DCFM
Speed
Function
Note
0
0
Full
Peripheral
Full-Speed communication only.
0
1
Full
Host
Full-Speed communication only.
1
0
Full / Hi
Peripheral
The communication speed is based on the result of RHSP.
1
1
Full / Hi
Host
The communication speed is based on the result of RHSP.
* RHSP : Reset Handshake Protocol
2.3.2
USB block operation enabled
The USBE bit of the SYSCFG register should be used to enable USB block operation.
The same bit can be used to carry out an S/W reset of the controller. When software is set to “USBE=0”, the
controller resets the register targeted for S/W reset initialization to the default setting value. As long as
“USBE=0” is set, no data can be written by software to the bit targeted for S/W reset initialization. “USBE=1”
should be set following an S/W reset to enable controller operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com