Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBSS302PZ Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PBSS302PZ
Description  20 V, 5.5 A PNP low VCEsat (BISS) transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS302PZ Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PBSS302PZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS302PZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PBSS302PZ_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 November 2009
4 of 14
NXP Semiconductors
PBSS302PZ
20 V, 5.5 A PNP low VCEsat (BISS) transistor
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --
179
K/W
[2] --
74
K/W
[3] --
63
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
--
15
K/W
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aaa561
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0
0.10
0.01
δ = 1
0.75
0.50
0.33
0.20
0.05
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com