Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX8XLB0IEC Datasheet(PDF) 40 Page - NXP Semiconductors

Part # IMX8XLB0IEC
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8XLB0IEC Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button IMX8XLB0IEC Datasheet HTML 36Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 37Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 38Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 39Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 40Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 41Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 42Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 43Page - NXP Semiconductors IMX8XLB0IEC Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
1. As programmed in the associated IOMUX (PDRV field) register.
3.7.1.2 Single-voltage 1.8 V GPIO output buffer drive strength
The following table shows the GPIO output buffer drive strength (OVDD 1.8 V).
Table 31. Single-voltage GPIO 1.8 V output impedance DC parameters
Parameter
Symbol
Test conditions
Typical
Units
Output impedance
ZO
1 DSE=000
200
Ω
1 DSE=001
100
1 DSE=010
55
1 DSE=011
40
1 DSE=100
30
1 DSE=101
24
1 DSE=110
20
1 DSE=111
18
1. As programmed in the associated IOMUX (DSE field) register.
3.7.1.3 Single-voltage 3.3 V GPIO output buffer drive strength
The following table shows the GPIO output buffer drive strength (OVDD 3.3 V).
Table 32. Single-voltage GPIO 3.3 V output impedance DC parameters
Parameter
Symbol
Test conditions
Typical
Units
Output impedance
ZO
1 DSE=00
400
Ω
1 DSE=01
200
1 DSE=10
100
1 DSE=11
50
1. As programmed in the associated IOMUX (DSE field) register.
3.7.2 DDR I/O output buffer impedance
The following tables show DDR3L and LPDDR4 I/O output buffer impedance of the
device.
The ZQ Calibration cell uses a single register (ZQnPR0) to determine the target output
buffer impedances of the pull-up driver and the pull-down driver, as well as the target
on-die termination impedance. The resulting calibration setting is then applied to all
DDR pads within the PHY complex.
Electrical characteristics
40
i.MX 8XLite Industrial Applications Processors, Rev. 2, 03/2023
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com