Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

200030 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 200030
Description  High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

200030 Datasheet(HTML) 3 Page - Renesas Technology Corp

  200030 Datasheet HTML 1Page - Renesas Technology Corp 200030 Datasheet HTML 2Page - Renesas Technology Corp 200030 Datasheet HTML 3Page - Renesas Technology Corp 200030 Datasheet HTML 4Page - Renesas Technology Corp 200030 Datasheet HTML 5Page - Renesas Technology Corp 200030 Datasheet HTML 6Page - Renesas Technology Corp 200030 Datasheet HTML 7Page - Renesas Technology Corp 200030 Datasheet HTML 8Page - Renesas Technology Corp 200030 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Datasheet
9-Feb-2022
CFR0011-120-01
Revision 1.04
Page 3 of 9
SLG55022-200030
High Voltage Gate Driver
©2022 Renesas Electronics Corporation
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
VD or VS to GND
-0.3
40.0
V
Voltage at Logic Input pins
-0.3
6.5
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
150
°C
Junction temperature
--
150
°C
ESD Human Body Model
--
2000
V
ESD Machine Model
--
200
V
Moisture Sensitivity Level
1
Electrical Characteristics
TA = -10 °C to 75 °C
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
11.5
12.0
12.5
V
TVCC_RAMP VCC Ramp-up Rate
See Note 1
0.25
--
--
V/ms
Iq
Quiescent Current
VG not ramping
FET = ON
50
80
µA
VG not ramping
FET = OFF
0.1
1
µA
VD
FET Drain Voltage
1.0
--
21
V
VGS
Gate-Source Voltage
8.0
11.5
16
V
CG
FET Gate Capacitance
500
--
8000
pF
TDELAY
Ramp Delay Range
1.5ms Default, 500
µs step
0
500
750
µs
TSLEW
FET Turn on Slew Rate
1.2
2.0
2.8
V/ms
IDISCHARGE Internal Discharge Resistor
Nominal discharge time of ~100ms
10mA max rate
180
300
420
Ω
VIH
HIGH-level input voltage
ON (200mV Hysteresis)
2.4
--
5.5
V
VIL
LOW-level Input voltage
ON (200mV Hysteresis)
--
--
0.4
V
VOH
HIGH-level output voltage
PG Open Drain
--
--
5.5
V
IOL_LOGIC
Logic LOW level output
PG Sink Current
1
2
3
mA
IIH
*
HIGH-level input current
VIH = 3.3V
--
--
<1.0
µA
Notes:
1. If TVCC_RAMP > 5V/ms and ON is asserted, Gate charging will begin after 1ms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com