Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

200030 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 200030
Description  High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

200030 Datasheet(HTML) 5 Page - Renesas Technology Corp

  200030 Datasheet HTML 1Page - Renesas Technology Corp 200030 Datasheet HTML 2Page - Renesas Technology Corp 200030 Datasheet HTML 3Page - Renesas Technology Corp 200030 Datasheet HTML 4Page - Renesas Technology Corp 200030 Datasheet HTML 5Page - Renesas Technology Corp 200030 Datasheet HTML 6Page - Renesas Technology Corp 200030 Datasheet HTML 7Page - Renesas Technology Corp 200030 Datasheet HTML 8Page - Renesas Technology Corp 200030 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Datasheet
9-Feb-2022
CFR0011-120-01
Revision 1.04
Page 5 of 9
SLG55022-200030
High Voltage Gate Driver
©2022 Renesas Electronics Corporation
Delay Time and Slew Rates
The two components of controlling the application of FET source voltage to the load are a fixed time delay before beginning turn
on of the FET (DLY_t below) and the Slew Time of the source voltage (Slew_t below).
Having control over the Slew Rate of the FET’s source voltage as the FET is turning on is important in controlling dv/dt caused
transients. A power FET, for example, switching a 5 V rail which has a total of 500
µF of decoupling, fully on in 10 µs will generate
a 250 A current surge which is very undesirable. If the FET turn on time can be stretched to 1 ms, the current surge to charge
the decoupling capacitors is reduced to 2.5 A. The SLG55022 controls slew rate of a FET’s source voltage as it is turned on. A
range of slew rates are available as device order options. Obviously the time to fully slew the source voltage to fully on is a function
of the drain supply voltage. The table and graph below shows source voltage ramp times for various slew rates supported by the
SLG55022 for a range of specific source voltages.
* The minimum time that ON can be de-asserted between switching cycles is 100 ms.
Slew Rates
(V/ms)
Ramp Times (ms) vs. Source Voltages (V)
1.1 V
1.5 V
1.8 V
3.3 V
5.0 V
12 V
18.5 V
2.00
0.55
0.75
0.90
1.65
2.50
6.00
9.25
ON
V S
IS
DLY_t
Slew_t
Discharge_t
*



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com