| Electronic Components Datasheet Search |
|
X40410 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
X40410 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 24 page ![]() X40410, X40411, X40414, X40415 FN8116 Rev 0.00 Page 13 of 24 March 28, 2005 Figure 15. Random Address Read Sequence – One bit of the slave command byte is a R/W bit. The R/W bit of the Slave Address Byte defines the opera- tion to be performed. When the R/W bit is a one, then a read operation is selected. A zero selects a write operation. Word Address The word address is either supplied by the master or obtained from an internal counter. The internal counter is undefined on a power-up condition. Operational Notes The device powers-up in the following state: – The device is in the low power standby state. – The WEL bit is set to ‘0’. In this state it is not possible to write to the device. – SDA pin is the input mode. – RESET/RESET Signal is active for tPURST. Data Protection The following circuitry has been included to prevent inadvertent writes: – The WEL bit must be set to allow write operations. – The proper clock count and bit sequence is required prior to the stop bit in order to start a nonvolatile write cycle. – A three step sequence is required before writing into the Control Register to change Watchdog Timer or Block Lock settings. Figure 16. Sequential Read Sequence 0 Slave Address Byte Address A C K A C K S t a r t S t o p Slave Address Data A C K 1 S t a r t SDA Bus Signals from the Slave Signals from the Master 10 1 0 0 Data (2) S t o p Slave Address Data (n) A C K A C K SDA Bus Signals from the Slave Signals from the Master 1 Data (n-1) A C K A C K (n is any integer greater than 1) Data (1) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |