Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT8641ARUDCMPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LT8641ARUDCMPBF
Description  65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8641ARUDCMPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8641ARUDCMPBF Datasheet HTML 9Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 10Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 11Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 12Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 13Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 14Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 15Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 16Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Data Sheet
LT8641A
analog.com
Rev 0
13 of 35
Figure 22. Dropout Voltage
Figure 23. Switching Frequency
Figure 24. Burst Frequency
Figure 25. Minimum Load to Full Frequency (Pulse-Skipping
Mode)
Figure 26. Frequency Foldback
Figure 27. Soft-Start Tracking
VIN = 5V
VOUT SET TO REGULATE AT 5V
L = WE–LHMI7050, 1µH
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
600
RT = 60.4k
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
660
670
680
690
700
710
720
730
740
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
LOAD CURRENT (mA)
0
200
400
600
800
0
200
400
600
800
1000
1200
FRONT PAGE APPLICATION
VOUT = 5V
fSW = 1MHz
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
0
20
40
60
80
100
120
140
FB VOLTAGE (V)
0
300
400
500
0.6
1.0
200
100
0
0.2
0.4
0.8
600
700
800
VOUT = 3.3V
VIN = 12V
VSYNC = 0V
RT = 60.4k
TR/SS VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com