Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT8641ARUDCMPBF Datasheet(PDF) 21 Page - Analog Devices

Part # LT8641ARUDCMPBF
Description  65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8641ARUDCMPBF Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8641ARUDCMPBF Datasheet HTML 17Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 18Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 19Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 20Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 21Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 22Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 23Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 24Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
LT8641A
analog.com
Rev 0
21 of 35
(47b)
Figure 47. SW Frequency vs Load Information in Burst Mode Operation (47a) and Pulse-Skipping Mode (47b)
Figure 48. Burst Mode Operation
For some applications, it is desirable for the LT8641A to operate in pulse-skipping mode, offering two major dif-
ferences from Burst Mode operation. First is the clock stays awake at all times and all switching cycles are aligned to
the clock. In this mode, much of the internal circuitry is awake at all times, increasing quiescent current to several
hundred μA. Second is that full switching frequency is reached at lower output load than in Burst Mode operation
(see Figure 47). To enable pulse-skipping mode, float the SYNC/MODE pin. When a clock is applied to the SYNC/MODE
pin, the LT8641A also operates in pulse-skipping mode.
FB Resistor Network
The output voltage is programmed with a resistor divider between the output and the FB pin. Choose the
resistor values according to Equation 1.
R1 = R2 (
VOUT
0.81V
− 1)
(1)
Reference designators refer to the Block Diagram. 1% resistors are recommended to maintain output voltage
accuracy.
FRONT PAGE APPLICATION
VOUT = 5V
fSW = 1MHz
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
0
20
40
60
80
100
120
140
T
10µs/DIV
VSW
5V/DIV
IL
500mA/DIV
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
VSYNC = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com