Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JN1-22-20P-R-10000 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN1-22-20P-R-10000
Description  Rectangular Multi pole Modular Hybrid Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN1-22-20P-R-10000 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JN1-22-20P-R-10000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB-0370-3
JAE Connector Div. Proprietary. Copyright © 2022,Japan Aviation Electronics Industry, Ltd.
Insulator
TYPE-1
TYPE-2
TYPE-3
TYPE-4
TYPE-5
TYPE-6
Part Number
KN01L04PF
KN01L04SF
KN01L12PG
KN01L12SG
KN01L18PK
KN01L18SK
KN01L18PKS
KN01L18SKS
KN01L42PM
KN01L42SM
KN01L50PL
KN01L50SL
Contact
configuration
#8×4
#12×12
#20×18
#20×18
#22×42
Round Contact
#22×50
Square contact
Rated Voltage
500VDC
500VDC
24VDC
24VDC
24VDC
24VDC
Rated Current
(Total)
30A/pin
(91.2A)
23A/pin
(124.2A)
3A/pin
(24.3A)
3A/pin
(24.3A)
2A/pin
(37.8A)
3A/pin
(67.5A)
Dielectric
Withstanding
Voltage
1500VAC
1500VAC
500VAC
500VAC
500VAC
500VAC
Insulation
Resistance
100M
Ω
(500VDC)
100M
Ω
(500VDC)
100M
Ω
(100VDC)
100M
Ω
(100VDC)
100M
Ω
(100VDC)
100M
Ω
(100VDC)
Wiring Method
Crimp termination
Mating
Durability
30 cycles
Operating
Temperature
Range
-20℃ ~ +105℃
Standard
Certification
UL
Component
Materials and
Finishes
Shell
Shell
Synthetic resin
Plug
Barrel
Synthetic resin
Plate (right)
Synthetic resin
Plate (left)
Synthetic resin
Lever holder (right)
Synthetic resin
Lever holder (left)
Synthetic resin
Lever
Stainless steel
Spring
Stainless steel
Mating Key
Key
Synthetic resin
2/9
General Specifications
Materials and Finishes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com