Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JN1-22-20P-R-10000 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN1-22-20P-R-10000
Description  Rectangular Multi pole Modular Hybrid Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN1-22-20P-R-10000 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  JN1-22-20P-R-10000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN1-22-20P-R-10000 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MB-0370-3
JAE Connector Div. Proprietary. Copyright © 2022,Japan Aviation Electronics Industry, Ltd.
Contact size
F: #8, G: #12, H: #16, K: #20, L: #22
S: Crimp type Socket
Modification code 1
A: Normal type
Modification code 2
None: Normal type
Modification code 1
None: Normal type
S : With shield type
W: Split flow type
Contact type
P: Crimp type Pin
S: Crimp type Socket
Number of poles
Modification code 1
A: Normal type
L: L size
Series
A: Panel-mount Type
Shell
Plug
Insulator Module
-
-
SHL: Shell
L: L size
Series
PLUG: Plug
Series
L: L size
4/9
Ordering Information
Contact size
F: #8, G: #12, H: #16, K: #20, L: #22
KN06
A
-
A
L
SHL
-
KN06
A
-
L
PLUG
-
KN01
L
12
P
S
*
-
G
Modification code
15H
Number of Contacts
10K:10000pcs、03K:3000pcs、01K:1000pcs、12H:1200pcs、15H:1500pcs
P: Crimp type Pin
KN01
P
G
P
Contact finish code
*
Contact
Series



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com