Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70003ASEH Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 24Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 25Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 26Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 27Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 28Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 29Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 30Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 31Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 32Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ISL70003SEH
FN8604 Rev 6.00
Page 32 of 32
December 8, 2016
Package Outline Drawing
R64.C
64 CERAMIC QUAD FLATPACK PACKAGE (CQFP) WITH BOTTOM HEATSINK
Rev 1, 10/13
NOTES:
1. All dimensions are in inches (millimeters)
2. Dimension shall be measured at point of exit
(beyond the meniscus) of the lead from the body.
49
32
16
17
1
64
33
48
64
1
0.567 (14.40)
0.547 (13.90)
1.118 (28.40)
1.080 (27.43)
0.025 (0.635) BSC
0.006 (0.15)
0.010 (0.25)
0.290 (7.37)
0.255 (6.48)
INDEX AREA
PIN 1
TOP VIEW
SIDE VIEW
0.005 (0.125)
0.0075 (0.188)
HEATSINK
0.135 (3.43)
0.111 (2.82)
0.547 (13.90)
0.567 (14.40)
1.118 (28.40)
1.080 (27.43)
SEE DETAIL "A"
DETAIL "A"
0.026 (0.66) MIN. 2
0.048 (1.22)
REF
0.395 (10.03)
0.405 (10.29)
0.405 (10.29)
0.395 (10.03)
0.100 (2.537)
0.085 (2.157)
0.370 (9.395)
0.380 (9.655)
PIN 1
INDEX AREA
0.008 (0.20)
REF
HEATSINK
BOTTOM VIEW
For the most recent package outline drawing, see R64.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com