Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70003ASEH Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 17Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 18Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 19Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 20Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 21Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 22Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 23Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 24Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ISL70003SEH
FN8604 Rev 6.00
Page 21 of 32
December 8, 2016
logic activates the power blocks, the regulator ramps the output
voltage to its set value within a soft-start interval, however, the
device no longer goes through the preinitialization phase.
Transitions between the number of active LXx pins through the
use of SEL1 and SEL2 should not be done while the part is
operating. On the fly transitions will cause glitches on the output
voltage, which may exceed transient requirements. It is
recommended to place the ISL70003SEH in Standby mode, by
pulling SEL1 and SEL2 HIGH, and then change the number of
active LXx pins.
The overcurrent trip point scales depending on the number of
active power blocks. Equation 10 may be used to determine the
value of ROCSETA and ROCSETB when less than 10 power blocks
are active:
where N is the number of active phases.
IMON Current-Sense Output
The ISL70003SEH provides a current monitor function through
IMON. Current monitoring informs designers if downstream loads
are operating as expected. It is also useful in the prototype and
debug phase of the design and during normal operation to
measure the overall performance of a system. The IMON pin
outputs a high-speed analog current source that is proportional
to the sensed peak current through the ISL70003SEH. In typical
applications, a resistor, RIMON, is connected to the IMON pin to
convert the sensed current to voltage, VIMON, which is
proportional to the peak current, as shown in Equation 11:
where VIMON is the voltage at the IMON pin, RIMON is the resistor
between the IMON pin and AGND, ISAMPLE is the current through
the converter at the time IMON samples the current, and N is the
number of active power blocks. ISAMPLE may be calculated from
Equation 12.
where tSAMPLE is the time it takes the IMON circuitry to sample
the current (300ns, max), ILOAD is the load current and ΔI is the
inductor peak-to-peak ripple current as calculated in Equation 7.
A small capacitor should be placed between the IMON pin and
AGND to reduce the noise impact and mitigate single-event
transients. If this pin is not used, it is best connected to VREFA. It
is also acceptable to tie to GND through a resistor.
Figures 42 and 43 show the response of the IMON current
monitor due to a load step with a RIMON = 10kΩ and 100pF
ceramic capacitor in parallel.
It is important to note that if the on-time of the lower NMOS FET
is shorter than the IMON current-sense time (300ns max), the
IMON output is tri-stated after four consecutive failed sense
occurrences.
Diode Emulation
Diode Emulation (DE) allows for higher converter efficiency under
light-load situations. In DE mode, the low-side MOSFET conducts
when the current is flowing from source-to-drain and does not
allow reverse current, emulating a diode. As shown in Figure 44,
when the LGATE signal is HIGH, the low-side MOSFET carries
current, creating negative voltage on the phase node due to the
voltage drop across the ON-resistance. When the DE pin is pulled
HIGH, the ISL70003SEH will be in Diode Emulation mode and
detect the zero current crossing of the inductor current, and turn
off the lower MOSFET to prevent the inductor current from
reversing direction and creating unnecessary power loss. This
ensures that Discontinuous Conduction Mode (DCM) is achieved.
Since diode emulation prevents the low-side MOSFET from
sinking current, no negative spike at the output is generated
during prebiased startup when DE mode is active.
After a significantly fast load release transient, diode emulation
will not allow the converter to bring the output voltage back down
following the hump created by the inductor energy dump into the
output capacitor bank. The ISL70003SEH overcomes this issue
by monitoring the output of the error amplifier and allowing the
low-side MOSFET to turn on and sink the necessary current
ROCSET A B

3602.4 N
IOCP
-----------------------------
=
(EQ. 10)
VIMON
100 10
6
–
ISAMPLE RIMON
N
---------------------------------------------------
=
(EQ. 11)
ISAMPLE
ILOAD
I
2
-----
I
tSAMPLE fSW
1D
–

------------------------------------------


–
+
=
(EQ. 12)
FIGURE 42. IMON RESPONSE TO 6A LOAD STEP
FIGURE 43. IMON RESPONSE TO 6A LOAD RELEASE
TIME (5µs/DIV)
VIMON VOLTAGE
200mV/DIV
INDUCTOR CURRENT 2A/DIV
INDUCTOR
2A/DIV
CURRENT
VIMON VOLTAGE
200mV/DIV
TIME (5µs/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com