Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70023SEHX/SAMPLE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL70023SEHX/SAMPLE
Description  100V, 60A Enhancement Mode GaN Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70023SEHX/SAMPLE Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL70023SEHX/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FN8975 Rev.4.01
Page 6 of 12
May 4, 2022
ISL70023SEH, ISL73023SEH
3. Typical Performance Curves
3.
Typical Performance Curves
Unless otherwise noted, VDS = 80V; TA = +25°C.
Figure 3. Output Characteristics (+25°C)
Figure 4. Output Characteristics (+125°C)
Figure 5. Output Characteristics (-55°C)
Figure 6. Transfer Characteristics
Figure 7. On-State Resistance (+25°C)
Figure 8. On-State Resistance (+125°C)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Drain-Source Voltage (V)
VGS = 2V
VGS = 3V
VGS = 4V
VGS = 5V
0
10
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Drain-Source Voltage (V)
VGS = 2V
VGS = 3V
VGS = 4V
VGS = 5V
0
10
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Drain-Source Voltage (V)
VGS = 2V
VGS = 3V
VGS = 4V
VGS = 5V
0
10
20
30
40
50
60
01234
5
VGS (V)
+25°C
+125°C
-55°C
VDS = 3V
Current Limited to 60A
0
5
10
15
20
25
2.5
3.0
3.5
4.0
4.5
5.0
Gate-Source Voltage (V)
ID = 0.5A
ID = 6.0A
ID = 12.0A
ID = 18.0A
ID = 24.0A
ID = 30.0A
0
5
10
15
20
25
2.5
3.0
3.5
4.0
4.5
5.0
Gate-Source Voltage (V)
ID = 0.5A
ID = 6.0A
ID = 12.0A
ID = 18.0A
ID = 24.0A
ID = 30.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com