Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70023SEHX/SAMPLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL70023SEHX/SAMPLE
Description  100V, 60A Enhancement Mode GaN Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70023SEHX/SAMPLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL70023SEHX/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL70023SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN8975 Rev.4.01
Page 1 of 12
May 4, 2022
© 2017-2022 Renesas Electronics
FN8975
Rev.4.01
May 4, 2022
ISL70023SEH, ISL73023SEH
100V, 60A Enhancement Mode GaN Power Transistor
DATASHEET
The ISL70023SEH and ISL73023SEH are 100V
N-channel enhancement mode GaN power transistors.
These GaN FETs have been characterized for destructive
Single Event Effects (SEE) and tested for Total Ionizing
Dose (TID) radiation. Applications for these devices
include commercial aerospace, medical, and nuclear
power generation.
GaN’s exceptionally high electron mobility and low
temperature coefficient allows for very low rDS(ON),
while its lateral device structure and majority carrier
diode provide exceptionally low QG and zero QRR. The
end result is a device that can operate at a higher
switching frequency with more efficiency while reducing
the overall solution size.
By combining the exceptional performance of the GaN
FET in a hermetically sealed Surface Mount Device
(SMD) package with manufacturing in a
MIL-PRF-38535 like flow results in best-in-class power
transistors that are ideally suited for high reliability
applications.
Applications
• Switching regulation
• Motor drives
• Relay drives
• Inrush protection
• Down hole drilling
• High reliability industrial
Features
• Very low rDS(ON) 5mΩ (typical)
• Ultra low total gate charge 14nC (typical)
• SEE hardness (see SEE report for details)
• SEL/SEB LETTH (VDS = 100V, VGS = 0V):
86MeV•cm2/mg
• ISL70023SEH radiation accepting testing
• High dose rate (50-300rad(Si)/s): 100krad(Si)
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
• ISL73023SEH radiation accepting testing
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
• Ultra small hermetically sealed 4 Ld Surface Mount
Device (SMD) package
• Package area: 42mm2
• Full military-temperature range operation
•TA = -55°C to +125°C
•TJ = -55°C to +150°C
Figure 1. ISL70023SEH 4 Ld SMD Package
Figure 2. On-State Resistance (+25°C)
0
5
10
15
20
25
2.5
3.0
3.5
4.0
4.5
5.0
Gate-Source Voltage (V)
ID = 0.5A
ID = 6.0A
ID = 12.0A
ID = 18.0A
ID = 24.0A
ID = 30.0A


Similar Part No. - ISL70023SEHX/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70023SEHX/SAMPLE RENESAS-ISL70023SEHX/SAMPLE Datasheet
527Kb / 14P
100V, 60A Enhancement Mode GaN Power Transistor
Mar 28, 2024
More results

Similar Description - ISL70023SEHX/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N10 UTC-UTT60N10 Datasheet
129Kb / 3P
60A, 100V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Jiangsu Donghai Semicon...
60N10 WXDH-60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
B60N10 WXDH-B60N10 Datasheet
719Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
E60N10 WXDH-E60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
F60N10 WXDH-F60N10 Datasheet
715Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
I60N10 WXDH-I60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
logo
Rohm
GNP1070TC-Z ROHM-GNP1070TC-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNP1150TCA-Z ROHM-GNP1150TCA-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
logo
GaN Systems Inc.
GS61004B GAN-GS61004B Datasheet
849Kb / 14P
100V enhancement mode GaN transistor
Rev. 180419
logo
Rohm
GNE1008TB ROHM-GNE1008TB Datasheet
1Mb / 6P
GaN Enhancement Mode Power Transistor
26.Jun.2023 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com