Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70024SEHL/PROTO Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL70024SEHL/PROTO
Description  200V, 7.5A Enhancement Mode GaN Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70024SEHL/PROTO Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL70024SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FN8976 Rev.6.01
Page 9 of 12
May 5, 2022
ISL70024SEH, ISL73024SEH
4. Die Characteristics
4.
Die Characteristics
Table 2. Die and Assembly Related Information
Die Information
Dimensions
2766µm x 950µm (108.90 mils x 37.40 mils)
Thickness: 685µm (26.97 mils)
ISL70024SEH, ISL73024SEH
Table 3. Dimensions
Dimension
Min (µm)
Nominal (µm)
Max (µm)
A
2736
2766
2796
B
920
950
980
c
697
700
703
d
247
250
253
e
168
183
198
f
245
250
255
g
600
600
600
h
450
450
450
i
235
250
265
Pads in Green are the Source
Pads in Orange are the Drain
Pad in Blue is the Gate
Pad in Purple is the Substrate
Color Key:
Solder Bar View
2
1
6
7
345
h
i
B
c
d
e
g
g
f
A
685µm
815µm
100 ±20µm
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com