Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70024SEHL/PROTO Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL70024SEHL/PROTO
Description  200V, 7.5A Enhancement Mode GaN Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70024SEHL/PROTO Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL70024SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
FN8976 Rev.6.01
Page 12 of 12
May 5, 2022
ISL70024SEH, ISL73024SEH
6. Package Outline Drawing
TYPICAL RECOMMENDED LAND PATTERN
SOURCE
#1
GATE
#4
DRAIN
#3
0.000
0.000
2.250
0.350
0.350
0.800
2.250
2.250
0.350
0.350
2.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com