Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70227SEHF/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL70227SEHF/PROTO
Description  36V Radiation Hardened Dual Precision Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70227SEHF/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL70227SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL70227SEH
FN7958 Rev 3.00
Page 5 of 18
July 18, 2014
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply across
a total ionizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total ionizing dose of 50krad(Si) with
exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)TYP
MAX
(Note 5)UNIT
VOS
Offset Voltage
-75
-10
75
µV
-100
100
µV
TCVOS
Offset Voltage Drift
-1
0.1
1
µV/
°C
IOS
Input Offset Current
-10
1
10
nA
-25
25
nA
IB
Input Bias Current
-10
1
10
nA
-25
25
nA
VCM
Input Voltage Range
Guaranteed by CMRR
-13
13
V
-12
12
V
CMRR
Common-Mode Rejection Ratio
VCM = -13V to +13V
115
120
dB
VCM = -12V to +12V
115
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±5V
110
117
dB
VS = ±3V to ±15V
110
dB
AVOL
Open-Loop Gain
VO = -13V to +13V
RL = 10kΩ to ground
1000
1500
V/mV
VOH
Output Voltage High
RL = 10kΩ to ground
13.5
13.65
V
13.2
V
RL = 2kΩ to ground
13.4
13.5
V
13.1
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-13.65
-13.5
V
-13.2
V
RL = 2kΩ to ground
-13.5
-13.4
V
-13.1
V
IS
Supply Current/Amplifier
2.2
2.8
mA
3.7
mA
ISC
Short-Circuit
RL = 0Ωto ground
±45
mA
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
±2.25
±15
V
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
10
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz
85
nVP-P
en
Voltage Noise Density
f = 10Hz
3
nV/√Hz
en
Voltage Noise Density
f = 100Hz
2.8
nV/√Hz
en
Voltage Noise Density
f = 1kHz
2.5
nV/√Hz
en
Voltage Noise Density
f = 10kHz
2.5
nV/
Hz
in
Current Noise Density
f = 10kHz
0.4
pA/
Hz
THD + N
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 3.5VRMS,
RL = 2kΩ
0.00022
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com